|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tyco/Electronics Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866 PolySwitch(R) PTC Devices Overcurrent Protection Device PRODUCT: TR250-080U DOCUMENT: SCD 23431 PCN: 856313 REV LETTER: E REV DATE: NOVEMBER 14, 2001 PAGE NO.: 1 OF 1 Specification Status: RELEASED Max Electrical Rating at 20C Operating Voltage: 60VDC Fault Voltage: 250VRMS Interrupt Current: 3ARMS Lead Material : 22 AWG Sn/Pb plated copper Marking: None TABLE I. DIMENSIONS A mm: in*: Min --Max 4.8 (0.189) Min --B Max 9.30 (0.366) Min --C Max 3.8 (0.150) Min 4.7 (0.185) D Max --E Nom 5.0 (0.197) TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted): IHOLD (A) RESISTANCE () @ 20 C R MIN 14.0 R MAX 20.0 TIME TO TRIP @ 0.35A OPERATING TEMPERATURE (C) MIN -40 MAX 85 20C 0.080 R1 MAX* Seconds, MAX 33.0 3 * Maximum device resistance at 20C measured 1 hour post trip. Additional Rating @ 20C Lightning Withstand: ITU @ 1.0KV Storage Temperature: -40 to 85 C Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION: UL, CSA, TUV PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. |
Price & Availability of TR250-080U |